Part Number Hot Search : 
LAG665 UM82C206 HE311 00BZX J100A TMP86 1N5241B SA211
Product Description
Full Text Search
 

To Download BU4522AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AF
GENERAL DESCRIPTION
New generation, high-voltage, high-speed switching npn transistor in a plastic full-pack envelope intended for use in horizontal deflection circuits of colour TV receivers and PC monitors.
QUICK REFERENCE DATA
SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current (Fig 17) Fall time CONDITIONS VBE = 0 V TYP. 7 6 285 170 MAX. 1500 800 10 25 45 3.0 400 230 UNIT V V A A W V A A ns ns
Ths 25 C IC = 7 A; IB = 1.75 A f = 16 kHz f = 64 kHz ICsat = 7 A; f = 16 kHz ICsat = 6 A; f = 64 kHz
PINNING - SOT199
PIN 1 2 3 base collector emitter DESCRIPTION
PIN CONFIGURATION
case
SYMBOL
c b
1 2 3
case isolated
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM -IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Reverse base current peak value 1 Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -55 MAX. 1500 800 10 25 6 9 6 45 150 150 UNIT V V A A A A A W C C
Ths 25 C
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-a PARAMETER Junction to heatsink Junction to ambient CONDITIONS with heatsink compound in free air TYP. 35 MAX. 2.8 UNIT K/W K/W
1 Turn-off current.
December 1997
1
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AF
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER Repetitive peak voltage from all three terminals to external heatsink CONDITIONS R.H. 65 % ; clean and dustfree MIN. TYP. MAX. 2500 UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
22
-
pF
STATIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL ICES ICES IEBO BVEBO VCEOsust VCEsat VBEsat hFE hFE PARAMETER Collector cut-off current
2
CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VEB = 7.5 V; IC = 0 A IB = 1 mA IB = 0 A; IC = 100 mA; L = 25 mH IC = 7 A; IB = 1.75 A IC = 7 A; IB = 1.75 A IC = 1 A; VCE = 5 V IC = 7 A; VCE = 5 V
MIN. 7.5 800 0.85 4.2
TYP. 13.5 0.94 10 5.8
MAX. 1.0 2.0 1.0 3.0 1.03 7.3
UNIT mA mA mA V V V V
Emitter cut-off current Emitter-base breakdown voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain
DYNAMIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL PARAMETER Switching times (16 kHz line deflection circuit) Turn-off storage time Turn-off fall time Switching times (64 kHz line deflection circuit) Turn-off storage time Turn-off fall time CONDITIONS f = 16 kHz; ICsat = 7 A; IB1 = 1.4 A; (IB2 = -3.5 A) TYP. MAX. UNIT s ns s ns
ts tf
3.5 285
4.3 400
ts tf
f = 64 kHz; ICsat = 6 A; IB1 = 1.2 A; (IB2 = -3.6 A)
2.3 170
2.7 230
2 Measured with half sine-wave voltage (curve tracer).
December 1997
2
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AF
+ 50v 100-200R
TRANSISTOR IC DIODE
ICsat
t
Horizontal Oscilloscope Vertical
IB
IB1 t 5 us 6.5 us 16 us
IB2
100R 6V 30-60 Hz
1R
VCE t
Fig.1. Test circuit for VCEOsust.
Fig.4. Switching times waveforms (64 kHz).
IC / mA
ICsat 90 % IC
250
10 %
200
ts IB
tf
t
100
IB1
t
0 VCE / V min VCEOsust
- IB2
Fig.2. Oscilloscope display for VCEOsust.
Fig.5. Switching times definitions.
TRANSISTOR IC DIODE
ICsat
+ 150 v nominal adjust for ICsat
t
Lc
IB IB1 t 20us 26us 64us VCE IB2
IBend
LB
T.U.T. Cfb
-VBB
t
Fig.3. Switching times waveforms (16 kHz).
Fig.6. Switching times test circuit.
December 1997
3
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AF
100
hFE
VCE = 1 V
BU4522AF/X Ths = 25 C Ths = 85 C
VBEsat \ V 1.3 1.2 1.1
IC = 7 A Ths = 25 C Ths = 85 C
1
10
0.9 0.8 0.7
1 0.01
IC = 6 A
0.1
1
10
IC / A 100
0.6
0
1
2
3
IB / A
4
Fig.7. High and low DC current gain.
Fig.10. Typical base-emitter saturation voltage.
BU4522AF/X
100
VCE = 5 V Ths = 25 C Ths = 85 C
5
ts/tf/ us
BU4522AF/X 16kHz
4
ICsat = 7 A Ths = 85 C Freq = 16 kHz
3
hFE
10
2
1
1 0.01
0
0.1
IC / A1
10
100
0
0.5
1
1.5
IBend / A
2
Fig.8. High and low DC current gain.
Fig.11. Typical collector storage and fall time. IC =7 A; Tj = 85C; f = 16kHz
ts/tf/ us 5
10
VCEsat (V)
Ths = 25 C Ths = 85 C
BU4522AF/X
BU4522AF/X 64kHz
4
ICsat = 6 A Ths = 85 C Freq = 64 kHz
1
3
0.1
IC/IB = 5
2
1
0.01 0.1
1
10
IC / A
100
0
0
0.5
1
1.5
IB / A
2
Fig.9. Typical collector-emitter saturation voltage.
Fig.12. Typical collector storage and fall time. IC = 6 A; Tj = 85C; f = 64 kHz
December 1997
4
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AF
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
with heatsink compound
IC / A 30
BU2522AF
20
10
0
20
40
60
80 Ths / C
100
120
140
0
0
500 VCE / V
1000
1500
Fig.13. Normalised power dissipation. PD% = 100PD/PD 25C
Zth / (K/W)
10
Fig.16. Reverse bias safe operating area. Tj Tjmax
BU4522AF
10 9
Ic(sat) (A)
0.5 1 0.2 0.1 0.05 0.1 0.02
8 7 6 5 4
0.01
P D
tp
D=
tp T t
1.0E-01
3 2 1 0 0 10 20 40 50 60 70 30 Horizontal frequency (kHz) 80 90 100
0 0.001 1.0E-07 1.0E-05 1.0E-03
T
1.0E-01
t/s
Fig.14. Transient thermal impedance.
Fig.17. ICsat during normal running vs. frequency of operation for optimum performance
VCC
LC
IBend
VCL LB T.U.T.
CFB
-VBB
Fig.15. Test Circuit RBSOA.
December 1997
5
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AF
MECHANICAL DATA
Dimensions in mm Net Mass: 5.5 g
15.3 max 0.7 7.3 3.1 3.3 6.2 5.8 21.5 max 3.2
5.2 max
o 45
seating plane
3.5
3.5 max not tinned
15.7 min 1 2.1 max 2 3 1.2 1.0
5.45
0.7 max 0.4 M 2.0
5.45
Fig.18. SOT199; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
December 1997
6
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AF
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
December 1997
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BU4522AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X